Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download G5728B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.7 jul 12, 2013 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5728B global mixed-mode technology 1.4mhz 1a synchronous step-down regulator features ? high efficiency: up to 93% ? low quiescent current: only 50 a during op- eration ? internal soft start function ? 1a output current ? 2.5v to 6v input voltage range ? 1.4mhz switching frequency ? no schottky diode required ? 100% duty cycle in dropout operation ? 0.6v reference allows low output voltages ? <1 a shutdown current ? current mode operation for excellent line and load transient response ? over temperature protected ? rohs compliant applications ? cellular telephones ? personal information appliances ? microprocessors and dsp core supplies ? wireless and dsl modems ? digital still and video cameras ? mp3 players ? portable instruments general description the G5728B is a high efficiency monolithic synchro- nous buck regulator using a constant frequency, cur- rent mode architecture. supply current during opera- tion is only 50 a and drops to <1 a in shutdown. the 2.5v to 6v input voltage range makes the G5728B ideally suited for single li-ion battery-powered applica- tions. 100% duty cycle provides low dropout operation, extending battery run time in portable systems. switching frequency is internally set at 1.4mhz, allow- ing the use of small surface mount inductors and ca- pacitors. the internal synchronous switch increase efficiency and eliminates the need for an external schottky diode. built-in soft start function eliminates in-rush current that could damage the system. ordering information order number marking output voltage (v) temp. range package (green) G5728Bt11u 578bx adjustable -40 c~ +85 c sot-23-5 G5728Bto1u 578bx adjustable -40 c~ +85 c tsot-23-5 G5728B-12to1u 578dx 1.2 -40 c~ +85 c tsot-23-5 G5728Bu51d 578b adjustable -40 c~ +85 c wdfn2x2-6 note: t1: sot-23-5 to:tsot-23-5 u5:wdfn2x2-6 1: bonding code u&d: tape & reel pin configuration typical application circuit vfb vin sot-23-5/tsot-23-5 5 4 1 en 2 3 gnd lx G5728B vin lx en vfb gnd G5728B c in 2.2 f cer v in 4~6v 1 43 5 2.2 h c fb r1 82k r2* 18k c out 10 f cer v out 3.3v 300ma (option) v out = 0.6v (1+ ) r1 r2 2 * r2 Q 20k for stability consideration. 1 2 3 6 5 4 7 gnd gnd vfb vin lx en gnd G5728B wdfn2x2-6 vfb vin sot-23-5/tsot-23-5 5 4 1 en 2 3 gnd lx G5728B vin lx en vfb gnd G5728B c in 2.2 f cer v in 4~6v 1 43 5 2.2 h c fb r1 82k r2* 18k c out 10 f cer v out 3.3v 300ma (option) v out = 0.6v (1+ ) r1 r2 v out = 0.6v (1+ ) r1 r2 2 * r2 Q 20k for stability consideration. 1 2 3 6 5 4 7 gnd gnd vfb vin lx en gnd G5728B wdfn2x2-6
ver: 0.1 aug 17, 2012 tel: 886-3-5788833 http://www.gmt.com.tw 1 g5728c global mixed-mode technology 1.4mhz 1a synchronous step-down regulator features ? high efficiency: up to 93% ? internal soft start function ? 1a output current ? 2.5v to 6v input voltage range ? 1.4mhz switching frequency ? no schottky diode required ? 100% duty cycle in dropout operation ? 0.6v reference allows low output voltages ? <1 a shutdown current ? current mode operation for excellent line and load transient response ? over temperature protected ? rohs compliant applications ? cellular telephones ? personal information appliances ? microprocessors and dsp core supplies ? wireless and dsl modems ? digital still and video cameras ? mp3 players ? portable instruments general description the g5728c is a high efficiency monolithic synchro- nous buck regulator using a constant frequency, cur- rent mode architecture. the 2.5v to 6v input voltage range makes the g5728c ideally suited for single li-ion battery-powered applications. 100% duty cycle provides low dropout operation, extending battery run time in portable systems. switching frequency is in- ternally set at 1.4mhz, allowing the use of small sur- face mount inductors and capacitors. the internal synchronous switch increase efficiency and eliminates the need for an external schottky diode. built-in soft start function eliminates in-rush current that could damage the system. ordering information order number marking output voltage temp. range package (green) g5728cto1u 578cx adjustable -40 c~ +85 c tsot-23-5 note: to:tsot-23-5 1: bonding code u: tape & reel pin configuration typical application circuit vfb vin tsot-23-5 5 4 1 en 2 3 gnd lx g5728c vin lx en vfb gnd g5728c c in 2.2 f cer v in 4~6v 1 43 5 2.2 h c fb r1 82k r2* 18k c out 10 f cer v out 3.3v 300ma (option) v out = 0.6v (1+ ) r1 r2 2 * r2 Q 20k for stability consideration. vfb vin tsot-23-5 5 4 1 en 2 3 gnd lx g5728c vin lx en vfb gnd g5728c c in 2.2 f cer v in 4~6v 1 43 5 2.2 h c fb r1 82k r2* 18k c out 10 f cer v out 3.3v 300ma (option) v out = 0.6v (1+ ) r1 r2 v out = 0.6v (1+ ) r1 r2 2 * r2 Q 20k for stability consideration.


▲Up To Search▲   

 
Price & Availability of G5728B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X